Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices ADP3170 Datasheet HTML 11Page - Analog Devices ADP3170 Datasheet HTML 12Page - Analog Devices ADP3170 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
ADP3170
–9–
Designing an Inductor
Once the inductance is known, the next step is either to design
an inductor or find a standard inductor that comes as close as
possible to meeting the overall design goals. The first decision
in designing the inductor is to choose the core material. There
are several possibilities for providing low core loss at high fre-
quencies. Two examples are the powder cores (e.g., Kool-M®
from Magnetics, Inc.) and the gapped soft ferrite cores (e.g.,
3F3 or 3F4 from Philips). Low frequency powdered iron cores
should be avoided due to their high core loss, especially when
the inductor value is relatively low and the ripple current is high.
Two main core types can be used in this application. Open
magnetic loop types, such as beads, beads on leads, and rods
and slugs, provide lower cost but do not have a focused mag-
netic field in the core. The radiated EMI from the distributed
magnetic field may create problems with noise interference in
the circuitry surrounding the inductor. Closed-loop types,
such as pot cores, PQ, U, and E cores, or toroids, cost more, but
have much better EMI/RFI performance. A good compromise
between price and performance are cores with a toroidal shape.
There are many useful references for quickly designing a power
inductor. Table II gives some examples.
Table II. Magnetics Design References
Magnetic Designer Software
Intusoft (http://www.intusoft.com)
Designing Magnetic Components for High-Frequency DC-DC
Converters
McLyman, Kg Magnetics
ISBN 1-883107-00-08
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
FB
SD
REF
PWRGD
CT
COMP
PGND
DRVH
DRVL
LRDRV
LRFB
VCC
VID3
GND
VID2
VID1
VID0
VID25
CS+
CS–
U1
ADP3170
FROM
CPU
C19
150pF
COC
2.7nF
RB
30.1k
1%
RA
13.7k
1%
C11
1nF
R4
220
R5
220
C8
100pF
C1
1000 F
C2
1000 F
C3
1000 F
C4
1000 F
C5
1000 F
L1
1.7 H
C7
100nF
C6
4.7nF
L1
1 H
Q1
FDB7045L
C12
22 F
Q2
FDB7045L
C13 C14 C15 C16 C17 C18 C19 C20
D1
MBR052LT1
D2
MBR052LT1
5V
12V
5V SB
VTT PWRGD CLK
R1
1k
VCC(CORE)
1.05V – 1.825V
23A
C23
220 F
VCC(CORE) RTN
1.8V SB
1.8V, 200mA
CORE
PWRGD
TO CPU
1000 F
8
RUBYCON ZA SERIES
24m
ESR (EACH)
5V SB
Q6
IRL3103
R6
2.5m
C21
1 F
C22
68pF
R7
10k
Figure 3. 24 A VRM 8.5-Compliant CPU Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com