Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 2Page - Analog Devices ADP3170 Datasheet HTML 3Page - Analog Devices ADP3170 Datasheet HTML 4Page - Analog Devices ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
ADP3170–Typical Performance Characteristics
–6–
SWITHCHING FREQUENCY – kHz
0
0
100
20
40
60
80
100
200
300
400
500
TA = 25 C
TPC 1. Supply Current vs. Operating Frequency Using
MOSFETs of Figure 3
CH1 5.00V
BW
5.00V BW
CH2
M 400ns
A
CH1
6.60V
1
2
T
TPC 2. Gate Switching Waveforms Using MOSFETs
of Figure 3
CH1 2.00V
BW
2.00V BW
CH2
M 40.0ns A
CH1
5.76V
1
T
TPC 3. Driver Transition Waveforms Using MOSFETs
of Figure 3
CH1
TEK RUN
TRIG'D
2
5.00V
CH2
500mV BW M 10.0ms A CH1
0.00000 s
5.90V
BW
1
VCC
VCORE
TPC 4. Power-On Start-Up Waveform
OUTPUT ACCURACY – % OF NOMINAL
0
–0.6
5
10
15
20
25
TA = 25 C
VOUT = 1.5V
0.6
0
TPC 5. Output Accuracy Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com