Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 4 Page - Analog Devices

  ADP3170 Datasheet HTML 1Page - Analog Devices ADP3170 Datasheet HTML 2Page - Analog Devices ADP3170 Datasheet HTML 3Page - Analog Devices ADP3170 Datasheet HTML 4Page - Analog Devices ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
ADP3170
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1–5
VID3, VID2,
Voltage Identification DAC Inputs. These pins are pulled up to an internal reference,
VID1, VID0,
providing a logic one if left open. The DAC output programs the FB regulation voltage from
VID25
1.05 V to 1.825 V.
6
PWRGD
Open drain output that signals when the output voltage is in the proper operating range.
7
REF
3.0 V Reference Output.
8
SD
Regulator Shutdown. Pulling this pin high turns off both MOSFETs of the switching
regulator. SD has no effect on the linear regulator controller.
9
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage.
10
CS–
Current Sense Negative Node. Negative input for the current comparator.
11
CS+
Current Sense Positive Node. Positive input for the current comparator. The output current is
sensed as a voltage at this pin with respect to CS–.
12
CT
External capacitor connected from CT to ground sets the OFF-Time of the device.
13
COMP
Error Amplifier Output and Compensation Point. The voltage at this output programs the
output current control level between CS+ and CS–.
14
LRDRV
Gate Drive for the 1.8 V linear regulator N-channel MOSFET.
15
LRFB
Feedback Connections for the 1.8 V linear regulator controller.
16
VCC
Supply Voltage for the ADP3170.
17
DRVL
Low-Side MOSFET Drive. Gate drive for the synchronous rectifier N-channel MOSFET.
The voltage at DRVL swings from GND to VCC.
18
DRVH
High-Side MOSFET Drive. Gate drive for the buck switch N-channel MOSFET. The voltage
at DRVH swings from GND to VCC.
19
PGND
Power Ground. PGND should have a low impedance path to the source of the synchronous
MOSFET.
20
GND
Small-Signal Ground. This ground reference can be used in conjunction with FB to provide
remote sensing of the output voltage at the CPU pins.
PIN CONFIGURATION
RU-20
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ADP3170
FB
SD
REF
PWRGD
CT
COMP
PGND
DRVH
DRVL
LRDRV
LRFB
VCC
VID3
GND
VID2
VID1
VID0
VID25
CS+
CS–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com