Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3170 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices ADP3170 Datasheet HTML 11Page - Analog Devices ADP3170 Datasheet HTML 12Page - Analog Devices ADP3170 Datasheet HTML 13Page - Analog Devices ADP3170 Datasheet HTML 14Page - Analog Devices ADP3170 Datasheet HTML 15Page - Analog Devices ADP3170 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
ADP3170
–13–
CIN Selection and Input Current di/dt Reduction
In continuous inductor-current mode, the source current of the
high-side MOSFET is a square wave with a duty ratio of VOUT/
VlN and an amplitude of one-half of the maximum output
current. To prevent large voltage transients, a low ESR input
capacitor sized for the maximum rms current must be used.
The maximum rms capacitor current is given by:
II
D
D
IA
A
C RMS
O
HSF
HSF
C RMS
()
()
–
.–.
.
=
=×
=
2
2
23
0 4
0 4
11 3
(27)
For a ZA-type capacitor with 1000
µF capacitance and 6.3 V
voltage rating, the ESR is 24 m
Ω and the maximum allowable
ripple current at 100 kHz is 2 A. At 105
°C, at least six such
capacitors must be connected in parallel to handle the calcu-
lated ripple current. At 50
°C ambient, however, a higher
ripple current can be tolerated, so five capacitors in parallel
are adequate.
The ripple voltage across the five paralleled capacitors is:
VI
ESR
n
D
nC
f
VA
m
mF
kHz
mV
C RIPPLE
O
C
C
HSF MAX
CIN
MIN
C RIPPLE
()
()
()
.
=×
+
××


=×
×
××


=
23
24
5
04
5 1
183
120
Ω
(28)
To further reduce the effect of the ripple voltage on the system
supply voltage bus and to reduce the input-current di/dt to
below the recommended maximum of 0.1 A/ms, an additional
small inductor (L > 1
µH @ 10 A) should be inserted between
the converter and the supply bus.
Linear Regulators
The linear regulator provides a low cost, convenient and versa-
tile solution for generating a 1.8 V supply rail. The maximum
output load current is determined by the size and thermal
impedance of the external N-channel power MOSFET that is
placed in series with the supply and controlled by the ADP3170.
The output voltage is sensed at the LRFB pin and compared to
an internal reference voltage in a negative feedback loop which
keeps the output voltage in regulation. If the load is reduced or
increased, the MOSFET drive will also be reduced or increased
by the ADP3170 to provide a well regulated output voltage.
Output voltages higher than the fixed internal reference voltage
can be programmed by adding an external resistor divider.
Efficiency of the Linear Regulators
The efficiency and corresponding power dissipation of each
of the linear regulators are not determined by the ADP3170.
Rather, these are a function of input and output voltage and
load current. Efficiency is approximated by the formula:
η=
×
100%
V
V
OUT
IN
(29)
The corresponding power dissipation in the MOSFET, together
with any resistance added in series from input to output is given by:
PV
V
I
LDO
IN
OUT
OUT
=
()×
–
(30)
Minimum power dissipation and maximum efficiency are
accomplished by choosing the lowest available input voltage
that exceeds the desired output voltage. However, if the chosen
input source is itself generated by a linear regulator, its power
dissipation will be increased in proportion to the additional
current it must now provide.
3.3V
ADP3170
1.8V
LRDRV
LRFB
1k
RS
250m
1 F
VLR
1.8V, 2.2A
68pF
100 F
10k
Figure 4. Adding Overcurrent Protection to the Linear
Regulator
Implementing Current Limit for the Linear Regulators
The circuit of Figure 4 gives an example of a current limit pro-
tection circuit that can be used in conjunction with the linear
regulator. The output voltage is internally set by the LRFB pin.
The value of the current sense resistor may be calculated as
follows:
R
mV
I
mV
A
m
S
O MAX
≅==
540
540
22
250
()
.
Ω
(31)
The power rating of the current sense resistor must be at least:
PR
I
W
D R
S
O MAX
S
()
(
)
.
=×
=
2
12
(32)
The maximum linear regulator MOSFET junction temperature with
a shorted output is:
TT
V
I
TC
C W
V
A
C
MAX
A
C
IN
O MAX
MAX
JJ
J
()
()
()
./
.
.
=+
×
×
()
=+
×
×
()=
θ
50
14
33
22
60
oo
o
(33)
which is within the maximum allowed by the MOSFET’s data
sheet specification. The maximum MOSFET junction tempera-
ture at nominal output is:
This example assumes an infinite heat sink. The practical limita-
tion will be based on the actual heat sink used.
TC
V
V
I
TC
C W
V
V
A
C
NOM
C
IN
OUT
O NOM
NOM
JJ
J
()
()
()
–
./
.
– .
=+
×
[]×
()
=+
×
[]×
()=
50
50
14
33
18
2
54
o
oo
o
θ
(34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com