Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3178JR Datasheet (PDF) - Analog Devices

ADP3178JR Datasheet PDF - Analog Devices
Part # ADP3178JR
Download  ADP3178JR Download
File Size   190.05 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Bit Programmable Synchronous Buck Controllers

ADP3178JR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3178JR Datasheet PDF - Analog Devices

Part # ADP3178JR
Download  ADP3178JR Click to download

File Size   190.05 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Bit Programmable Synchronous Buck Controllers

ADP3178JR Datasheet (HTML) - Analog Devices


ADP3178JR Product details

GENERAL DESCRIPTION

The ADP3158 and ADP3178 are highly efficient synchronous buck switching regulator controllers optimized for converting a 5 V main supply into the core supply voltage required by high performance processors. These devices use an internal 4-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 1.3 V and 2.05 V. They use a current mode, constant off-time architecture to drive two N-channel MOSFETs at a programmable switching frequency that can be optimized for regulator size and efficiency.



FEATURES

  Optimally Compensated Active Voltage Positioning with Gain and Offset Adjustment (ADOPT™) for Superior Load Transient Response

  Complies with VRM Specifications with Lowest System Cost

  4-Bit Digitally Programmable 1.3 V to 2.05 V Output

  N-Channel Synchronous Buck Driver

  Total Accuracy ±0.8% Over Temperature

  Two On-Board Linear Regulator Controllers Designed to Meet System Power Sequencing Requirements

  High Efficiency Current-Mode Operation

  Short Circuit Protection for Switching Regulator

  Overvoltage Protection Crowbar Protects Microprocessors with No Additional External Components



APPLICATIONS

  Core Supply Voltage Generation for:

  Intel Pentium® III

  Intel Celeron™



 




Similar Part No. - ADP3178JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3178JR AD-ADP3178JR Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results


Similar Description - ADP3178JR

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
Analog Devices
ADP3159 AD-ADP3159 Datasheet
231Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
ADP3193 AD-ADP3193 Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com