Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3192A Datasheet (PDF) - Analog Devices

ADP3192A Datasheet PDF - Analog Devices
Part # ADP3192A
Download  ADP3192A Download
File Size   1025.46 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller

ADP3192A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3192A Datasheet PDF - Analog Devices

Part # ADP3192A
Download  ADP3192A Click to download

File Size   1025.46 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller

ADP3192A Datasheet (HTML) - Analog Devices


ADP3192A Product details

GENERAL DESCRIPTION
The ADP3192A1 is a highly efficient, multiphase, synchronous buck-switching regulator controller optimized for converting a 12 V main supply into the core supply voltage required by high performance Intel processors. It uses an internal 8-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 0.5 V and 1.6 V.

FEATURES
    Selectable 2-, 3-, or 4-phase operation at up to 1 MHz per phase
    ±7.7 mV worst-case differential sensing error over temperature
    Logic-level PWM outputs for interface to external high power drivers
    Fast enhanced PWM (FEPWM) flex mode for excellent load transient performance
    Active current balancing between all output phases
    Built-in power-good/crowbar blanking supports on-the-fly VID code changes
    Digitally programmable 0.5 V to 1.6 V output supports both VR10.x and VR11 specifications
    Programmable short-circuit protection with programmable latch-off delay
   
APPLICATIONS
    Desktop PC power supplies for next generation Intel® processors VRM modules




Similar Part No. - ADP3192A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3192JCPZ-RL AD-ADP3192JCPZ-RL Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
More results


Similar Description - ADP3192A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
7/05-Revision 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3198 ONSEMI-ADP3198 Datasheet
634Kb / 31P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 2
ADP3290 ONSEMI-ADP3290 Datasheet
534Kb / 30P
8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com