Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3193A Datasheet (PDF) - Analog Devices

ADP3193A Datasheet PDF - Analog Devices
Part # ADP3193A
Download  ADP3193A Download
File Size   1007.99 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller

ADP3193A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3193A Datasheet PDF - Analog Devices

Part # ADP3193A
Download  ADP3193A Click to download

File Size   1007.99 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller

ADP3193A Datasheet (HTML) - Analog Devices


ADP3193A Product details

GENERAL DESCRIPTION

The ADP3193A is a highly efficient, multiphase, synchronous buck switching regulator controller optimized for converting a 12 V main supply into the core supply voltage required by high performance Intel processors. It uses an internal 8-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 0.5 V and 1.6 V.



FEATURES

Selectable 2- or 3-phase operation at up to 1 MHz per phase

±7.7 mV worst-case differential sensing error over temperature

Logic-level PWM outputs for interface to external high power drivers

Fast enhanced PWM (FEPWM) flex mode for excellent load transient performance

Active current balancing between all output phases

Built-in power-good/crowbar blanking supports on-the-fly VID code changes

Digitally programmable 0.5 V to 1.6 V output supports both VR10.x and VR11 specifications

Programmable short-circuit protection with programmable latch-off delay



APPLICATIONS

Desktop PC power supplies for

  Next generation Intel® processors

  VRM modules




Similar Part No. - ADP3193A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3193AJCPZ-RL ONSEMI-ADP3193AJCPZ-RL Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Similar Description - ADP3193A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
7/05-Revision 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com