Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3189 Datasheet (PDF) - Analog Devices

ADP3189 Datasheet PDF - Analog Devices
Part # ADP3189
Download  ADP3189 Download
File Size   1481.05 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller

ADP3189 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3189 Datasheet PDF - Analog Devices

Part # ADP3189
Download  ADP3189 Click to download

File Size   1481.05 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller

ADP3189 Datasheet (HTML) - Analog Devices


ADP3189 Product details

GENERAL DESCRIPTION

The ADP31891 is a highly efficient multi-phase synchronous buck switching regulator controller optimized for converting a 12 V main supply into the core supply voltage required by high performance Intel processors. It uses an internal 8-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 0.5 V and 1.6 V.

This device uses a multi-mode PWM architecture to drive the logic-level outputs at a programmable switching frequency that  can be optimized for VR size and efficiency. The phase relation ship of the output signals can be programmed to provide 2-, 3-, 4-, or 5-phase operation, allowing for the construction of up to five complementary buck switching stages.



FEATURES

Selectable 2-, 3-, 4-, or 5-phase operation at up to 1 MHz per phase

±7.7 mV worst-case differential sensing error over temperature

Logic-level PWM outputs for interface to external high-power drivers

Active current balancing between all output phases

Built-in power good/crowbar blanking supports on-the-fly VID code changes

Digitally programmable 0.5 V to 1.6 V output— supports both VR10.x and VR11 specifications

Programmable short-circuit protection with programmable latch-off delay



APPLICATIONS

Desktop PC power supplies for Next generation Intel® processors VRM modules




Similar Part No. - ADP3189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
More results


Similar Description - ADP3189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com