Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3293 Datasheet (PDF) - ON Semiconductor

ADP3293 Datasheet PDF - ON Semiconductor
Part # ADP3293
Download  ADP3293 Download
File Size   456.93 Kbytes
Page   30 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller

ADP3293 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3293 Datasheet PDF - ON Semiconductor

Part # ADP3293
Download  ADP3293 Click to download

File Size   456.93 Kbytes
Page   30 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller

ADP3293 Datasheet (HTML) - ON Semiconductor


ADP3293 Product details

The ADP3293 is a highly efficient, multi−phase, synchronous buck switching regulator controller optimized for converting a 12 V main supply voltage into the core supply voltage of high performance Intel processors. It uses an internal 8−bit DAC to read a voltage identification (VID) code directly from the processor, to set the output voltage between 0.5 V and 1.6 V.



Features

• Selectable 2− or 3−Phase Operation at Up to 1 MHz per Phase

• ±7 mV Worse−Case Differential Sensing Error

• Logic−Level PWM Outputs for Interface to External High Power Drivers

• Fast−Enhanced PWM FlexMode for Excellent Load Transient Performance

• TRDET to Improve Load Release

• Active Current Balancing Between All Output Phases

• Built−In Power−Good/Crowbar Blanking Supports Dynamic VID Code Changes

• Digitally Programmable 0.5 V to 1.6 V Output Supports VR11.1 Specification

• Programmable Overcurrent Protection with Programmable Latchoff Delay

• This is a Pb−Free Device



Typical Applications

• Desktop PC Power Supplies for:

♦ Next Generation Intel® Processors

♦ VRM Modules




Similar Part No. - ADP3293

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3290 ONSEMI-ADP3290 Datasheet
534Kb / 30P
8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
ADP3290JCPZ-RL ONSEMI-ADP3290JCPZ-RL Datasheet
534Kb / 30P
8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results


Similar Description - ADP3293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
7/05-Revision 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com