Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3293 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADP3293
Description  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293 Datasheet(HTML) 2 Page - ON Semiconductor

  ADP3293 Datasheet HTML 1Page - ON Semiconductor ADP3293 Datasheet HTML 2Page - ON Semiconductor ADP3293 Datasheet HTML 3Page - ON Semiconductor ADP3293 Datasheet HTML 4Page - ON Semiconductor ADP3293 Datasheet HTML 5Page - ON Semiconductor ADP3293 Datasheet HTML 6Page - ON Semiconductor ADP3293 Datasheet HTML 7Page - ON Semiconductor ADP3293 Datasheet HTML 8Page - ON Semiconductor ADP3293 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADP3293
http://onsemi.com
2
Figure 1. Simplified Block Diagram
VCC
RT
RAMP
13
12
31
GND
EN
SHUNT
REGULATOR
18
800 mV
UVLO
SHUTDOWN
OSCILLATOR
CMP
−
CMP
−
CMP
−
CROWBAR
PWRGD
TTSNS
VRHOT
10
DELAY
VID7
VID6
VID5 VID4
VID3
VID2
VID1
VID0
VID DAC
32
33
34
35
36
37
38
39
PRECISION
REFERENCE
−
−
ILIM
DELAY
TRDET
IREF
COMP
FBRTN
11
20
ADP3293
−
BOOT
VOLTAGE
AND
SOFT START
CONTROL
OD
19
PWM1
PWM2
30
29
28
27
PWM3
ODN
PSI
NC
26
40
25
24
23
22
17
15
16
21
4
14
6
+
+
+
+
−
SS
LLINE
FB
IMON
CSSUM
CSREF
CSCOMP
CURRENT
MEASUREMENT
AND LIMIT
NC
SW3
SW2
SW1
SET
EN
RESET
RESET
RESET
CURRENT
LIMIT
2/3−PHASE
DRIVER LOGIC
1
2
DAC
+150 mV
DAC
−350 mV
CSREF
+
+
+
−
+
−
+
−
+
9
7
8
5
3
THERMAL
THROTTLING
CONTROL
TRDET
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com