Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3293 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADP3293
Description  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADP3293 Datasheet HTML 9Page - ON Semiconductor ADP3293 Datasheet HTML 10Page - ON Semiconductor ADP3293 Datasheet HTML 11Page - ON Semiconductor ADP3293 Datasheet HTML 12Page - ON Semiconductor ADP3293 Datasheet HTML 13Page - ON Semiconductor ADP3293 Datasheet HTML 14Page - ON Semiconductor ADP3293 Datasheet HTML 15Page - ON Semiconductor ADP3293 Datasheet HTML 16Page - ON Semiconductor ADP3293 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ADP3293
http://onsemi.com
13
Power State Indicator
The PSI pin is used as an input to determine the operating
power state of the load. If this pin is pulled low, the controller
knows the load is in a low power state and it takes the ODN
signal low, which can be used to disable phases for increased
efficiency.
The sequencing into and out of low−power operation is
maintained to minimize output voltage deviations as well as
providing full−power load transients immediately following
exit from a low−power state.
One additional feature of the ADP3293 is the internal
current limit threshold is changed when PSI is pulled low.
The current limit threshold is reduced by 1/N such that the
same per phase average current limit is maintained to protect
the components in the system.
Figure 7. PSI Mode Transition Waveform (Io = 25A)
1-Vo, 2-PSI, 3-COMP, 4-TRDET, D0~D2-PWM1~3
Output Crowbar
To protect the load and output components of the supply,
the PWM outputs are driven low, which turns on the
low−side MOSFETs when the output voltage exceeds the
upper crowbar threshold. This crowbar action stops once the
output voltage falls below the release threshold of
approximately 375 mV.
Turning on the low−side MOSFETs pulls down the output
as the reverse current builds up in the inductors. If the output
overvoltage is due to a short in the high−side MOSFET, this
action current limits the input supply or blows its fuse,
protecting the microprocessor from being destroyed.
Output Enable and UVLO
For the ADP3293 to begin switching, the input supply
current to the controller must be higher than the UVLO
threshold and the EN pin must be higher than its 0.8 V
threshold. This initiates a system startup sequence. If either
UVLO or EN is less than their respective thresholds, the
ADP3293 is disabled. This holds the PWM outputs at
ground, shorts the DELAY capacitor to ground, and the
forces PWRGD and OD signals low.
In the application circuit, the OD pin should be connected
to the OD input of the external driver for the phase that is
always on while the ODN pin should be connected to the OD
input on the external drivers of the phases that are shut off
during low−power operation. Grounding OD and ODN
disable the drivers such that both DRVH and DRVL are
grounded. This feature is important in preventing the
discharge of the output capacitors when the controller is shut
off. If the driver outputs are not disabled, a negative voltage
can be generated during output due to the high current
discharge of the output capacitors through the inductors.
Thermal Monitoring
The ADP3293 includes a thermal monitoring circuit to
detect when a point on the VR has exceeded a user−defined
temperature. The thermal monitoring circuit requires an
NTC thermistor to be placed between TTSNS and GND.
A fixed current of 120
mA is sourced out of the TTSNS pin
and into the thermistor. The current source is internally
limited to 5.0 V. An internal circuit compares the TTSNS
voltage to a 0.81 V threshold, and outputs an open−drain
signal at the VRHOT output. Once the voltage on the
TTSNS pin drops below its threshold, the open−drain output
asserts high to signal the system that an overtemperature
event has occurred. Because the TTSNS voltage changes
slowly with respect to time, 55 mV of hysteresis is built into
this comparator. The thermal monitoring circuitry does not
depend on EN and is active when UVLO is above its
threshold. When UVLO is below its threshold, VRHOT is
forced low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com