Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3293 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADP3293
Description  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADP3293 Datasheet HTML 17Page - ON Semiconductor ADP3293 Datasheet HTML 18Page - ON Semiconductor ADP3293 Datasheet HTML 19Page - ON Semiconductor ADP3293 Datasheet HTML 20Page - ON Semiconductor ADP3293 Datasheet HTML 21Page - ON Semiconductor ADP3293 Datasheet HTML 22Page - ON Semiconductor ADP3293 Datasheet HTML 23Page - ON Semiconductor ADP3293 Datasheet HTML 24Page - ON Semiconductor ADP3293 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ADP3293
http://onsemi.com
21
limited to 10% of this (50
mA), the following limit can
be placed for the minimum value for RLL1 and RLL2:
RLL1 ) RLL2 w
ILIM RCSA
50
10*6
(eq. 15)
Here, ILIM is the current limit current, which is the
maximum signal level that the CSA responds to.
It is best to select the resistor values to minimize their
values to reduce the noise and parasitic susceptibility of the
feedback path.
By combining Equation 14 with Equation 15 and selecting
minimum values for the resistors, the following equations
result:
RLL2 +
ILIM RO
50 mA
(eq. 16)
RLL1 +
RCSA
RO
* 1
RLL2
(eq. 17)
Another useful feature for some VR applications is the
ability to select different load lines. Figure 9 shows an
optional MOSFET switch that allows this feature. Here,
design for RCSA = RO(MAX) (selected with QLL on) and then
use Equation 14 to set RO = RO(MIN) (selected with QLL off).
For this design, RCSA = RO = 1 mW. As a result, connect
LLSET directly to CSCOMP; the RLL1 and RLL2 resistors
are not needed.
Output Offset
The Intel specification requires that at no load the nominal
output voltage of the regulator be offset to a value lower than
the nominal voltage corresponding to the VID code. The
offset is set by a constant current source flowing out of the
FB pin (IFB) and flowing through RB. The value of RB can
be found using Equation 18.
RB +
VVID * VONL
IFB
(eq. 18)
RB +
1.4 V * 1.381 V
15 mA
+ 1.27 kW
The closest standard 1% resistor value is 1.21 k
W.
The required output decoupling for the regulator is
typically recommended by Intel for various processors and
platforms. Use some simple design guidelines to determine
the requirements. These guidelines are based on having both
bulk capacitors and ceramic capacitors in the system.
First, select the total amount of ceramic capacitance. This
is based on the number and type of capacitor to be used. The
best location for ceramic capacitors is inside the socket, with
12 to 18, 1206 size being the physical limit. Other capacitors
can be placed along the outer edge of the socket as well.
To determine the minimum amount of ceramic
capacitance required, start with a worse case load step
occurring right after a switching cycle has stopped. The
ceramic capacitance then delivers the charge to the load
while the load is ramping up and until the VR has responded
with the next switching cycle.
Equation 19 gives the designer a rough approximation for
determining the minimum ceramic capacitance. Due to the
complexity of the PCB parasitics and bulk capacitors, the
actual amount of ceramic capacitance required can vary.
(eq. 19)
CZ(MIN) w 1
RO
1
fSW
1
n * D *
D IO
2SR
The typical ceramic capacitors consist of multiple 10
mF
or 22
mF capacitors. For this example, Equation 19 yields
269
mF, so eighteen, 22 mF ceramic capacitors is necessary
(18 pc is the maximum number for existing CPU socket).
Next, there is an upper limit imposed on the total amount
of bulk capacitance (CX) when the user considers the VID
OTF voltage stepping of the output (voltage step VV in time
tV with error of VERR).
A lower limit is based on meeting the capacitance for load
release for a given maximum load step (
DIO) and a
maximum allowable overshoot. The total amount of load
release voltage is given as
DVO = DIO × RO + DVrl, where
DVrl is the maximum allowable overshoot voltage.
(eq. 20)
CX(MIN) w
L
D IO
n
RO )
D Vrl
D IO
VVID
* CZ
L
nK2R2O
VV
VVID
1 ) tV
VVID
VV
nKRO
L
2
* 1 * CZ
(eq. 21)
CX(MAX) v
where : K +* 1n
VERR
VV
To meet the conditions of these equations and transient
response, the ESR of the bulk capacitor bank (RX) should be
less than two times the droop resistance (RO). If the CX(MIN)
is larger than CX(MAX), the system cannot meet the VID
OTF specification and can require the use of a smaller
inductor or more phases (and may have to increase the
switching frequency to keep the output ripple the same).
This example uses 18, 22
mF 1206 MLC capacitors
(CZ = 396 mF). The VID OTF step change is 1.1 V in
233.75
ms with a settling error of 5 mV. The maximum
allowable load release overshoot for this example is 50 mV,
therefore, solving for the bulk capacitance yields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com