Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3161 Datasheet (PDF) - Analog Devices

ADP3161 Datasheet PDF - Analog Devices
Part # ADP3161
Download  ADP3161 Download
File Size   164.69 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Bit Programmable 2-Phase Synchronous Buck Controller

ADP3161 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3161 Datasheet PDF - Analog Devices

Part # ADP3161
Download  ADP3161 Click to download

File Size   164.69 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Bit Programmable 2-Phase Synchronous Buck Controller

ADP3161 Datasheet (HTML) - Analog Devices


ADP3161 Product details

GENERAL DESCRIPTION
The ADP3161 is a highly efficient dual output synchronous buck switching regulator controller optimized for converting a 5 V or 12 V main supply into the core supply voltage required by high-performance processors such as Pentium® III. The ADP3161 uses an internal 4-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 1.3 V and 2.05 V. The ADP3161 uses a current mode PWM architecture to drive two logic-level outputs at a programmable switching frequency that can be optimized for VRM size and efficiency. The output signals are 180 degrees out of phase, allowing for the construction of two complementary buck switching stages.

FEATURES
   ADOPT™ Optimal Positioning Technology for Superior
      Load Transient Response and Fewest Output
      Capacitors
   Active Current Balancing Between Both Output Phases
   VRM 8.4-Compatible Digitally Programmable 1.3 V to
      2.05 V Output
   Dual Logic-Level PWM Outputs for Interface to External
      High-Power Drivers
   Total Output Accuracy ±0.8% Over Temperature
   Current-Mode Operation
   Short Circuit Protection
   Power-Good Output
   Overvoltage Protection Crowbar Protects
      Microprocessors with No Additional
      External Components

APPLICATIONS
   Desktop PC Power Supplies for:
      Intel Pentium® III Processors
      VRM Modules




Similar Part No. - ADP3161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3162JR AD-ADP3162JR Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
More results


Similar Description - ADP3161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
logo
Fairchild Semiconductor
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com