Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6536IB Datasheet (PDF) - Intersil Corporation

ISL6536IB Datasheet PDF - Intersil Corporation
Part # ISL6536IB
Download  ISL6536IB Download
File Size   160.01 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Four Channel Supervisory IC

ISL6536IB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6536IB Datasheet PDF - Intersil Corporation

Part # ISL6536IB
Download  ISL6536IB Click to download

File Size   160.01 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Four Channel Supervisory IC

ISL6536IB Datasheet (HTML) - Intersil Corporation


ISL6536IB Product details

The ISL6536 is a four channel supervisory IC designed to monitor voltages >, = 0.7V. This IC bias range is from 2.7V to 4V but can supervise any positive voltage using an external resistor divider to translate to a lower voltage for comparison to the internal 0.63V reference.



Features

• Adjustable undervoltage lockout for each supply

• Active high PGOOD Output

• Guaranteed PGOOD Valid to Falling VDD < 1V

• VMON Glitch Immunity

• Pb-Free Available (RoHS Compliant)



Applications

• Graphics Cards

• Multi voltage DSPs and Processors

• µP Voltage Monitoring

• Embedded Control Systems

• Intelligent Instruments

• Medical Equipment

• Network Routers

• Portable Battery-Powered Equipment

• Set-Top Boxes

• Telecommunications Systems



 




Similar Part No. - ISL6536IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6536IBZ RENESAS-ISL6536IBZ Datasheet
467Kb / 7P
Four Channel Supervisory IC
More results


Similar Description - ISL6536IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
Four Channel Supervisory IC
May 2004
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
logo
Anpec Electronics Corop...
APL6535 ANPEC-APL6535 Datasheet
665Kb / 13P
Two-Channel Supervisory IC
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
Four-Channel Supervisory IC
logo
Cirrus Logic
CS5467 CIRRUS-CS5467 Datasheet
746Kb / 46P
Four-channel Power/Energy IC
logo
Freescale Semiconductor...
33797 FREESCALE-33797 Datasheet
905Kb / 34P
Four Channel Squib Driver IC
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_07 Datasheet
750Kb / 46P
Four-channel Power / Energy IC
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
Four Channel Squib Driver IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
Supervisory IC
September, 2007 - Rev. 0
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
Four Channel Supervisory IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com