Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6552 Datasheet (PDF) - Intersil Corporation

ISL6552 Datasheet PDF - Intersil Corporation
Part # ISL6552
Download  ISL6552 Download
File Size   470.25 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

ISL6552 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6552 Datasheet PDF - Intersil Corporation

Part # ISL6552
Download  ISL6552 Click to download

File Size   470.25 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

ISL6552 Datasheet (HTML) - Intersil Corporation


ISL6552 Product details

Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

The ISL6552 multi-phase PWM control IC together with its companion gate drivers, the HIP6601, HIP6602 or HIP6603 and external Intersil MOSFETs provides a precision voltage regulation system for advanced microprocessors.

Features
• Multi-Phase Power Conversion
• Precision Channel Current Sharing
    - Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
    - ±1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
    - 5-Bit VID Input
    - 1.05V to 1.825V in 25mV Steps
    - Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Automatic Selection of 2, 3, or 4 Phase Operation
• High Ripple Frequency (Channel Frequency) Times
    Number Channels . . . . . . . . . . . . . . . . . .100kHz to 6MHz
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-free available




Similar Part No. - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6552 INTERSIL-ISL6552 Datasheet
484Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
logo
Renesas Technology Corp
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6552CB INTERSIL-ISL6552CB Datasheet
484Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
logo
Renesas Technology Corp
ISL6552CB RENESAS-ISL6552CB Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6552CBZ INTERSIL-ISL6552CBZ Datasheet
484Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
More results


Similar Description - ISL6552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com