Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84524 Datasheet (PDF) - Intersil Corporation

ISL84524 Datasheet PDF - Intersil Corporation
Part # ISL84524
Download  ISL84524 Download
File Size   346.7 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches

ISL84524 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84524 Datasheet PDF - Intersil Corporation

Part # ISL84524
Download  ISL84524 Click to download

File Size   346.7 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches

ISL84524 Datasheet (HTML) - Intersil Corporation


ISL84524 Product details

The Intersil ISL84524 and ISL84525 devices are precision, bidirectional, analog switches configured as a 4 channel multiplexer / demultiplexer (ISL84524) and a double pole / double throw (DPDT) switch (ISL84525) designed to operate from a single +2V to +12V supply. Both have an inhibit pin to simultaneously open all signal paths.

Features
• Drop-in Replacements for MAX4524 and MAX4525
• ON Resistance (RON) Max, VS = 5V . . . . . . . . . . . . 200Ω
• ON Resistance (RON) Max, VS = 3V . . . . . . . . . . . . 500Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . <8Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<3µW
• Fast Switching Action (VS = 5V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
• Guaranteed Max Off-leakage @ 5V . . . . . . . . . . . . . . 25nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
• Available in 10 Ld MSOP Package
• Pb-free available

Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
    - Radios
    - Telecom Infrastructure
    - ADSL, VDSL Modems
• Test Equipment
    - Medical Ultrasound
    - Magnetic Resonance Image
    - CT and PET Scanners
    - ATE
    - Electrocardiograph
• Audio and Video Signal Routing
• Various Circuits
    - +3V/+5V DACs and ADCs
    - Sample and Hold Circuits
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL84524

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84524 INTERSIL-ISL84524 Datasheet
354Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
August 2004
ISL84524 INTERSIL-ISL84524 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Intersil Corporation
ISL84524IU INTERSIL-ISL84524IU Datasheet
354Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
August 2004
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
354Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
August 2004
More results


Similar Description - ISL84524

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
September 2003
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
November 2003
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
August 2004
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
March 13, 2006
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com