Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL43640 Datasheet (PDF) - Renesas Technology Corp

ISL43640 Datasheet PDF - Renesas Technology Corp
Part # ISL43640
Download  ISL43640 Download
File Size   714.8 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch

ISL43640 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43640 Datasheet PDF - Renesas Technology Corp

Part # ISL43640
Download  ISL43640 Click to download

File Size   714.8 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch

ISL43640 Datasheet (HTML) - Renesas Technology Corp


ISL43640 Product details

The Intersil ISL43640 is a precision, bidirectional, analog switch configured as a 4 channel multiplexer/demultiplexer. The ISL43640 is designed to operate from a single +2V to +12V supply. It is equipped with an inhibit pin to simultaneously open all signal paths.

Features
• Fully Specified at 3V, 5V, and 12V Supplies for 10% Tolerances
• ON Resistance (RON), VS = 5V . . . . . . . . . . . . . . . . 100
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . <2
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 3pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<3µW
• Low Off Leakage Current . . . . . . . . . . . . . . . . . . . . . 2.5nA
• Fast Switching Action (VS = 5V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
• Available in 10 Ld MSOP and 16 Ld QFN Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
    - Radios
    - Telecom Infrastructure
    - ADSL, VDSL Modems
• Test Equipment
    - Medical Ultrasound
    - Electrocardiograph
    - Magnetic Resonance Image
    - CT and PET Scanners (MRI)
    - ATE
• Audio and Video Switching
• Various Circuits
    - +3V/+5V DACs and ADCs
    - Sample and Hold Circuits
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL43640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640 Datasheet
428Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
July 2003
ISL43640 INTERSIL-ISL43640 Datasheet
412Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640 INTERSIL-ISL43640 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL43640 INTERSIL-ISL43640 Datasheet
415Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL43640IR INTERSIL-ISL43640IR Datasheet
428Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
July 2003
More results


Similar Description - ISL43640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640 Datasheet
428Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
July 2003
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
September 2003
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
June 2003
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
August 2004
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com