Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL43640 Datasheet (PDF) - Intersil Corporation

ISL43640 Datasheet PDF - Intersil Corporation
Part # ISL43640
Download  ISL43640 Download
File Size   415.5 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch

ISL43640 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43640 Datasheet PDF - Intersil Corporation

Part # ISL43640
Download  ISL43640 Click to download

File Size   415.5 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch

ISL43640 Datasheet (HTML) - Intersil Corporation


ISL43640 Product details

The Intersil ISL43640 is a precision, bidirectional, analog
switch configured as a 4 channel multiplexer/demultiplexer.
The ISL43640 is designed to operate from a single +2V to
+12V supply. It is equipped with an inhibit pin to
simultaneously open all signal paths.
ON resistance is 115Ω with a +5V supply, 45Ω with a +12V
supply, and 190Ω with a +3V supply. Each switch can handle
rail to rail analog signals. The off-leakage current is only 1nA
at 25°C or 2.5nA at 85°C. All digital inputs have 0.8V to 2.4V
logic thresholds ensuring TTL/CMOS logic compatibility
when using a single +5V supply. Some of the smallest
packages are available, alleviating board space limitations,
and making Intersil’s newest line of low-voltage switches an
ideal solution.

Features
• Fully Specified at 3V, 5V, and 12V Supplies for 10%
Tolerances
• ON Resistance (RON), VS = 5V . . . . . . . . . . . . . . . . 100Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . <2Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 3pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<3µW
• Low Off Leakage Current . . . . . . . . . . . . . . . . . . . . . 2.5nA
• Fast Switching Action (VS = 5V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
• Available in 10 Ld MSOP and 16 Ld QFN Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
- Radios
- Telecom Infrastructure
- ADSL, VDSL Modems
• Test Equipment
- Medical Ultrasound
- Electrocardiograph
- Magnetic Resonance Image
- CT and PET Scanners (MRI)
- ATE
• Audio and Video Switching
• Various Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits




Similar Part No. - ISL43640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640 Datasheet
428Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
July 2003
ISL43640 INTERSIL-ISL43640 Datasheet
412Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640 INTERSIL-ISL43640 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL43640IR INTERSIL-ISL43640IR Datasheet
428Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
July 2003
More results


Similar Description - ISL43640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640 INTERSIL-ISL43640 Datasheet
428Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
July 2003
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
September 2003
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
June 2003
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
August 2004
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com