Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCTV35P60F1D Datasheet (PDF) - Intersil Corporation

MCTV35P60F1D Datasheet PDF - Intersil Corporation
Part # MCTV35P60F1D
Download  MCTV35P60F1D Download
File Size   53.89 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 35A, 600V P-Type MOS Controlled Thyristor (MCT) with Anti-Parallel Diode

MCTV35P60F1D Datasheet (PDF)

Go To PDF Page Download Datasheet
MCTV35P60F1D Datasheet PDF - Intersil Corporation

Part # MCTV35P60F1D
Download  MCTV35P60F1D Click to download

File Size   53.89 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 35A, 600V P-Type MOS Controlled Thyristor (MCT) with Anti-Parallel Diode

MCTV35P60F1D Datasheet (HTML) - Intersil Corporation


MCTV35P60F1D Product details

Description
The MCT is an MOS Controlled Thyristor designed for switching currents on and off by negative and positive pulsed control of an insulated MOS gate. It is designed for use in motor controls, inverters, line switches and other power switching applications. The MCT is especially suited for resonant (zero voltage or zero current switching) applications. The SCR like forward drop greatly reduces conduction power loss.
MCTs allow the control of high power circuits with very small amounts of input energy. They feature the high peak current capability common to SCR type thyristors, and operate at junction temperatures up to +150oC with active switching. This device features a discrete anti-parallel diode that shunts current around the MCT in the reverse direction without introducing carriers into the depletion region.

Features
• 35A, -600V
• VTM = -1.35V (Max) at I = 35A and +150°C
• 800A Surge Current Capability
• 800A/µs di/dt Capability
• MOS Insulated Gate Control
• 50A Gate Turn-Off Capability at +150°C
• Anti-Parallel Diode




Similar Part No. - MCTV35P60F1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MCTV65P100F1 INTERSIL-MCTV65P100F1 Datasheet
46Kb / 5P
65A, 1000V P-Type MOS Controlled Thyristor (MCT)
April 1999
MCTV75P60E1 INTERSIL-MCTV75P60E1 Datasheet
50Kb / 5P
75A, 600V P-Type MOS Controlled Thyristor (MCT)
April 1999
logo
Texas Instruments
MCTV8376ZS-Q1 TI2-MCTV8376ZS-Q1 Datasheet
2Mb / 77P
MCT8376Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2025
More results


Similar Description - MCTV35P60F1D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG15N120C3D INTERSIL-HGTG15N120C3D Datasheet
101Kb / 9P
35A, 1200V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
May 1997
MCT3A65P100F2 INTERSIL-MCT3A65P100F2 Datasheet
67Kb / 8P
65A, 1000V, P-Type MOS-Controlled Thyristor (MCT)
April 1999
MCTG35P60F1 INTERSIL-MCTG35P60F1 Datasheet
50Kb / 5P
35A, 600V P-Type MOS Controlled Thyristor (MCT)
April 1999
MCTV65P100F1 INTERSIL-MCTV65P100F1 Datasheet
46Kb / 5P
65A, 1000V P-Type MOS Controlled Thyristor (MCT)
April 1999
MCTV75P60E1 INTERSIL-MCTV75P60E1 Datasheet
50Kb / 5P
75A, 600V P-Type MOS Controlled Thyristor (MCT)
April 1999
logo
IXYS Corporation
MMIX1H60N150V1 IXYS-MMIX1H60N150V1 Datasheet
207Kb / 5P
1500V MOS Gated Thyristor w/ Anti-Parallel Diode
IXHX40N150V1HV IXYS-IXHX40N150V1HV Datasheet
180Kb / 4P
1500V MOS Gated Thyristor w/ Anti-Parallel Diode
logo
Nell Semiconductor Co.,...
NK100KQ NELLSEMI-NK100KQ Datasheet
825Kb / 5P
Anti-parallel Thyristor Module
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com