Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCTV65P100F1 Datasheet (PDF) - Intersil Corporation

MCTV65P100F1 Datasheet PDF - Intersil Corporation
Part # MCTV65P100F1
Download  MCTV65P100F1 Download
File Size   46.76 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 65A, 1000V P-Type MOS Controlled Thyristor (MCT)

MCTV65P100F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCTV65P100F1 Datasheet PDF - Intersil Corporation

Part # MCTV65P100F1
Download  MCTV65P100F1 Click to download

File Size   46.76 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 65A, 1000V P-Type MOS Controlled Thyristor (MCT)

MCTV65P100F1 Datasheet (HTML) - Intersil Corporation


MCTV65P100F1 Product details

Description
The MCT is an MOS Controlled Thyristor designed for switching currents on and off by negative and positive voltage control of an insulated MOS gate. It is designed for use in motor controls, inverters, line switches and other power switching applications.

Features
• 65A, -1000V
• VTM ≤ -1.4V at I = 65A and +150°C
• 2000A Surge Current Capability
• 2000A/µs di/dt Capability
• MOS Insulated Gate Control
• 100A Gate Turn-Off Capability at +150°C




Similar Part No. - MCTV65P100F1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MCTV35P60F1D INTERSIL-MCTV35P60F1D Datasheet
53Kb / 5P
35A, 600V P-Type MOS Controlled Thyristor (MCT) with Anti-Parallel Diode
April 1999
MCTV75P60E1 INTERSIL-MCTV75P60E1 Datasheet
50Kb / 5P
75A, 600V P-Type MOS Controlled Thyristor (MCT)
April 1999
logo
Texas Instruments
MCTV8376ZS-Q1 TI2-MCTV8376ZS-Q1 Datasheet
2Mb / 77P
MCT8376Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2025
More results


Similar Description - MCTV65P100F1

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
MCT photoconductive detector
logo
Intersil Corporation
MCT3A65P100F2 INTERSIL-MCT3A65P100F2 Datasheet
67Kb / 8P
65A, 1000V, P-Type MOS-Controlled Thyristor (MCT)
April 1999
MCTG35P60F1 INTERSIL-MCTG35P60F1 Datasheet
50Kb / 5P
35A, 600V P-Type MOS Controlled Thyristor (MCT)
April 1999
MCTV35P60F1D INTERSIL-MCTV35P60F1D Datasheet
53Kb / 5P
35A, 600V P-Type MOS Controlled Thyristor (MCT) with Anti-Parallel Diode
April 1999
MCTV75P60E1 INTERSIL-MCTV75P60E1 Datasheet
50Kb / 5P
75A, 600V P-Type MOS Controlled Thyristor (MCT)
April 1999
logo
Toshiba Semiconductor
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
SILICON P CHANNEL MOS TYPE
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
Silicon P Channel MOS Type (U-MOS??
logo
Unisonic Technologies
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
65A, 40V P-CHANNEL POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com