Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1560 Datasheet (PDF) - Intersil Corporation

MUR1560 Datasheet PDF - Intersil Corporation
Part # MUR1560
Download  MUR1560 Download
File Size   31.91 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 400V - 600V Ultrafast Diodes

MUR1560 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1560 Datasheet PDF - Intersil Corporation

Part # MUR1560
Download  MUR1560 Click to download

File Size   31.91 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 400V - 600V Ultrafast Diodes

MUR1560 Datasheet (HTML) - Intersil Corporation


MUR1560 Product details

The MUR1540, MUR1560, RURP1540, and RURP1560 are ultrafast diodes (trr < 55ns) with soft recovery characteristics. They have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction.
These devices are intended for use as energy steering/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistor.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supply
• Power Switching Circuits
• General Purpose




Similar Part No. - MUR1560

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1560 MOTOROLA-MUR1560 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
ON Semiconductor
MUR1560 ONSEMI-MUR1560 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
Fairchild Semiconductor
MUR1560 FAIRCHILD-MUR1560 Datasheet
62Kb / 4P
15A, 400V - 600V Ultrafast Diodes
logo
Micro Commercial Compon...
MUR1560 MCC-MUR1560 Datasheet
233Kb / 2P
15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
logo
ON Semiconductor
MUR1560 ONSEMI-MUR1560 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
More results


Similar Description - MUR1560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
15A, 400V - 600V Ultrafast Diodes
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
15A, 400V - 600V Hyperfast Diodes
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
15A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
15A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
logo
Fairchild Semiconductor
RURP1560 FAIRCHILD-RURP1560_04 Datasheet
76Kb / 4P
15A, 400V - 600V Ultrafast Diode
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
15A, 400V - 600V Hyperfast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com