Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR840 Datasheet (PDF) - Intersil Corporation

MUR840 Datasheet PDF - Intersil Corporation
Part # MUR840
Download  MUR840 Download
File Size   49.21 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Ultrafast Diodes

MUR840 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR840 Datasheet PDF - Intersil Corporation

Part # MUR840
Download  MUR840 Click to download

File Size   49.21 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Ultrafast Diodes

MUR840 Datasheet (HTML) - Intersil Corporation


MUR840 Product details

The MUR840, MUR860, RURP840 and RURP860 are low forward voltage drop ultrafast recovery rectifiers (trr < 60ns). They use a glass-passivated ion-implanted, epitaxial construction. These devices are intended for use as output rectifiers and flywheel diodes in a variety of high-frequency pulse-width modulated switching regulators. Their low stored charge and attendant fast reverse-recovery behavior minimize electrical noise generation and in many circuits markedly reduce the turn-on dissipation of the associated power switching

transistors.



Features

• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <60ns

• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175℃

• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V

• Avalanche Energy Rated

• Planar Construction



Applications

• Switching Power Supplies

• Power Switching Circuits

• General Purpose




Similar Part No. - MUR840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR840 MOTOROLA-MUR840 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
logo
Micro Commercial Compon...
MUR840 MCC-MUR840 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR840 ONSEMI-MUR840 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
MUR840 ONSEMI-MUR840 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
More results


Similar Description - MUR840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
15A, 400V - 600V Ultrafast Diodes
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
15A, 400V - 600V Ultrafast Diodes
January 2000
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Diodes
January 2000
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Dual Diodes
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com