Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR840 Datasheet (PDF) - Motorola, Inc

MUR840 Datasheet PDF - Motorola, Inc
Part # MUR840
Download  MUR840 Download
File Size   150.55 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS

MUR840 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR840 Datasheet PDF - Motorola, Inc

Part # MUR840
Download  MUR840 Click to download

File Size   150.55 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS

MUR840 Datasheet (HTML) - Motorola, Inc


MUR840 Product details

. . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state–of–the–art devices have the



following features:

• Ultrafast 25, 50 and 75 Nanosecond Recovery Time

• 175°C Operating Junction Temperature

• Popular TO–220 Package

• Epoxy Meets UL94, VO @ 1/8″

• Low Forward Voltage

• Low Leakage Current

• High Temperature Glass Passivated Junction

• Reverse Voltage to 600 Volts



Mechanical Characteristics:

• Case: Epoxy, Molded

• Weight: 1.9 grams (approximately)

• Finish: All External Surfaces Corrosion Resistant and Terminal

Leads are Readily Solderable

• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds

• Shipped 50 units per plastic tube

• Marking: U820, U840, U860




Similar Part No. - MUR840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
logo
Micro Commercial Compon...
MUR840 MCC-MUR840 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR840 ONSEMI-MUR840 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
MUR840 ONSEMI-MUR840 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
More results


Similar Description - MUR840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3040 MOTOROLA-MUR3040 Datasheet
65Kb / 4P
ULTRAFAST RECTIFIERS 30 AMPERES 400 VOLTS
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MUR6040 MOTOROLA-MUR6040 Datasheet
64Kb / 4P
ULTRAFAST RECTIFIERS 60 AMPERES 400 VOLTS
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
ON Semiconductor
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com