Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURP840CC Datasheet (PDF) - Intersil Corporation

RURP840CC Datasheet PDF - Intersil Corporation
Part # RURP840CC
Download  RURP840CC Download
File Size   49.37 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Ultrafast Dual Diodes

RURP840CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURP840CC Datasheet PDF - Intersil Corporation

Part # RURP840CC
Download  RURP840CC Click to download

File Size   49.37 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Ultrafast Dual Diodes

RURP840CC Datasheet (HTML) - Intersil Corporation


RURP840CC Product details

The RURP840CC and RURP860CC are ultrafast dual diodes with soft recovery characteristics (trr < 60ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <60ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURP840CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURP840 FAIRCHILD-RURP840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
RURP840 INTERSIL-RURP840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
More results


Similar Description - RURP840CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
15A, 400V - 600V Ultrafast Dual Diodes
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RURG3040CC INTERSIL-RURG3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
6A, 400V - 600V Ultrafast Dual Diodes
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com