Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURP640CC Datasheet (PDF) - Intersil Corporation

RURP640CC Datasheet PDF - Intersil Corporation
Part # RURP640CC
Download  RURP640CC Download
File Size   75.18 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 400V - 600V Ultrafast Dual Diodes

RURP640CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURP640CC Datasheet PDF - Intersil Corporation

Part # RURP640CC
Download  RURP640CC Click to download

File Size   75.18 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 400V - 600V Ultrafast Dual Diodes

RURP640CC Datasheet (HTML) - Intersil Corporation


RURP640CC Product details

Description
The RURP640CC, RURP650CC, and RURP660CC are ultrafast dual diodes with soft recovery characteristics (tRR < 55ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits, reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery. . . . . . . . . . . . . . . . . <55ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . .+175°C
• Reverse Voltage Up To . . . . . . . . . . . . . . . . . . . . . . 600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURP640CC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RURP6020 WTE-RURP6020 Datasheet
55Kb / 4P
60A GLASS PASSIVATED SUPERFAST RECTIFIER
December, 2014
RURP6040 WTE-RURP6040 Datasheet
55Kb / 4P
60A GLASS PASSIVATED SUPERFAST RECTIFIER
December, 2014
RURP6060 WTE-RURP6060 Datasheet
55Kb / 4P
60A GLASS PASSIVATED SUPERFAST RECTIFIER
December, 2014
logo
Intersil Corporation
RURP6120CC INTERSIL-RURP6120CC Datasheet
83Kb / 5P
6A, 1200V Ultrafast Dual Diode
October 1995
More results


Similar Description - RURP640CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
15A, 400V - 600V Ultrafast Dual Diodes
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
6A, 400V - 600V Hyperfast Dual Diodes
January 1998
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
6A, 600V Ultrafast Diodes
January 2000
RURG3040CC INTERSIL-RURG3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Dual Diodes
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com