Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRP640CC Datasheet (PDF) - Intersil Corporation

RHRP640CC Datasheet PDF - Intersil Corporation
Part # RHRP640CC
Download  RHRP640CC Download
File Size   82.17 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 400V - 600V Hyperfast Dual Diodes

RHRP640CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP640CC Datasheet PDF - Intersil Corporation

Part # RHRP640CC
Download  RHRP640CC Click to download

File Size   82.17 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 400V - 600V Hyperfast Dual Diodes

RHRP640CC Datasheet (HTML) - Intersil Corporation


RHRP640CC Product details

6A, 400V - 600V Hyperfast Dual Diodes

RHRP640CC, RHRP650CC and RHRP660CC are hyperfast dual diodes with soft recovery characteristics (trr < 30ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ion-implanted hepaticas planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.
Formerly developmental type TA49057.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . .<30ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . 175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP640CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRP6120CC INTERSIL-RHRP6120CC Datasheet
97Kb / 5P
6A, 1200V Hyperfast Dual Diode
July 1996
More results


Similar Description - RHRP640CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660 FAIRCHILD-RHRD660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
15A, 400V - 600V Hyperfast Dual Diodes
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
4A, 400V - 600V Hyperfast Dual Diodes
January 2000
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
15A, 400V - 600V Hyperfast Dual Diodes
January 2000
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
30A, 400V - 600V Hyperfast Dual Diodes
January 2000
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
6A, 400V - 600V Ultrafast Dual Diodes
April 1995
logo
Fairchild Semiconductor
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
6A, 600V Hyperfast Diodes
RHRD660S9A_F085 FAIRCHILD-RHRD660S9A_F085 Datasheet
553Kb / 5P
6A, 600V Hyperfast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com