Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURD660 Datasheet (PDF) - Intersil Corporation

RURD660 Datasheet PDF - Intersil Corporation
Part # RURD660
Download  RURD660 Download
File Size   85.76 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 600V Ultrafast Diodes

RURD660 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURD660 Datasheet PDF - Intersil Corporation

Part # RURD660
Download  RURD660 Click to download

File Size   85.76 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 600V Ultrafast Diodes

RURD660 Datasheet (HTML) - Intersil Corporation


RURD660 Product details

The RURD660 and RURD660S are ultrafast diodes with soft recovery characteristics (trr < 55ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURD660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
RURD660S FAIRCHILD-RURD660S Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
RURD660S9A FAIRCHILD-RURD660S9A Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
RURD660S9A_F085 FAIRCHILD-RURD660S9A_F085 Datasheet
896Kb / 6P
Ultrafast Power Rectifier, 6A 600V
More results


Similar Description - RURD660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660 FAIRCHILD-RHRD660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RHRD660 INTERSIL-RHRD660 Datasheet
71Kb / 4P
6A, 600V Hyperfast Diodes
January 2000
RURD6120 INTERSIL-RURD6120 Datasheet
80Kb / 4P
6A, 1200V Ultrafast Diodes
January 2000
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
6A, 200V Ultrafast Diodes
January 2000
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
6A, 400V - 600V Ultrafast Dual Diodes
April 1995
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
6A, 600V Hyperfast Diodes
RHRD660S9A_F085 FAIRCHILD-RHRD660S9A_F085 Datasheet
553Kb / 5P
6A, 600V Hyperfast Diodes
RURD660S9A_F085 FAIRCHILD-RURD660S9A_F085 Datasheet
896Kb / 6P
Ultrafast Power Rectifier, 6A 600V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com