Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURD6120 Datasheet (PDF) - Intersil Corporation

RURD6120 Datasheet PDF - Intersil Corporation
Part # RURD6120
Download  RURD6120 Download
File Size   80.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 1200V Ultrafast Diodes

RURD6120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURD6120 Datasheet PDF - Intersil Corporation

Part # RURD6120
Download  RURD6120 Click to download

File Size   80.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 1200V Ultrafast Diodes

RURD6120 Datasheet (HTML) - Intersil Corporation


RURD6120 Product details

The RURD6120 and RURD6120S are ultrafast diodes with soft recovery characteristics (trr < 70ns). They have low forward voltage drop and are silicon nitride passivated ionimplanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <70ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURD6120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
6A, 200V Ultrafast Diodes
January 2000
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
6A, 200V Ultrafast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
logo
Intersil Corporation
RURD620CCS INTERSIL-RURD620CCS Datasheet
50Kb / 4P
6A, 200V Ultrafast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RURD620CCS FAIRCHILD-RURD620CCS Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
More results


Similar Description - RURD6120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RHRD6120 INTERSIL-RHRD6120 Datasheet
76Kb / 4P
6A, 1200V Hyperfast Diodes
January 2000
RURD4120 INTERSIL-RURD4120 Datasheet
47Kb / 4P
4A, 1200V Ultrafast Diodes
January 2000
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
6A, 200V Ultrafast Diodes
January 2000
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
6A, 600V Ultrafast Diodes
January 2000
RURP6120CC INTERSIL-RURP6120CC Datasheet
83Kb / 5P
6A, 1200V Ultrafast Dual Diode
October 1995
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
RURD4120 FAIRCHILD-RURD4120 Datasheet
354Kb / 5P
4A, 1200V Ultrafast Diodes
RURD4120S9A FAIRCHILD-RURD4120S9A Datasheet
498Kb / 5P
4A, 1200V Ultrafast Diodes
RURD4120S_F085 FAIRCHILD-RURD4120S_F085 Datasheet
466Kb / 5P
4A, 1200V Ultrafast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com