Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURD620 Datasheet (PDF) - Intersil Corporation

RURD620 Datasheet PDF - Intersil Corporation
Part # RURD620
Download  RURD620 Download
File Size   50.61 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 200V Ultrafast Diodes

RURD620 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURD620 Datasheet PDF - Intersil Corporation

Part # RURD620
Download  RURD620 Click to download

File Size   50.61 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 200V Ultrafast Diodes

RURD620 Datasheet (HTML) - Intersil Corporation


RURD620 Product details

The RURD620, and RURD620S are ultrafast diodes with soft recovery characteristics (trr < 25ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <25ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURD620

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
6A, 200V Ultrafast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
logo
Intersil Corporation
RURD620CCS INTERSIL-RURD620CCS Datasheet
50Kb / 4P
6A, 200V Ultrafast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RURD620CCS FAIRCHILD-RURD620CCS Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
RURD620CCS9A FAIRCHILD-RURD620CCS9A Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
More results


Similar Description - RURD620

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR1520 FAIRCHILD-MUR1520 Datasheet
61Kb / 4P
15A, 200V Ultrafast Diodes
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1520 INTERSIL-MUR1520 Datasheet
31Kb / 3P
15A, 200V Ultrafast Diodes
January 2000
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
4A, 200V Ultrafast Diodes
January 2000
RURD6120 INTERSIL-RURD6120 Datasheet
80Kb / 4P
6A, 1200V Ultrafast Diodes
January 2000
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
6A, 200V Ultrafast Dual Diodes
January 2000
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
6A, 600V Ultrafast Diodes
January 2000
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
RURD420S FAIRCHILD-RURD420S Datasheet
100Kb / 5P
4A, 200V Ultrafast Diodes
RURD620CCS9A FAIRCHILD-RURD620CCS9A_11 Datasheet
1Mb / 5P
6A, 200V Ultrafast Dual Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com