Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURD620CC Datasheet (PDF) - Intersil Corporation

RURD620CC Datasheet PDF - Intersil Corporation
Part # RURD620CC
Download  RURD620CC Download
File Size   50.38 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 200V Ultrafast Dual Diodes

RURD620CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURD620CC Datasheet PDF - Intersil Corporation

Part # RURD620CC
Download  RURD620CC Click to download

File Size   50.38 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 200V Ultrafast Dual Diodes

RURD620CC Datasheet (HTML) - Intersil Corporation


RURD620CC Product details

The RURD620CC and RURD620CCS are ultrafast dual diodes with soft recovery characteristics (trr < 25ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <25ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURD620CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
RURD620CCS FAIRCHILD-RURD620CCS Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
RURD620CCS9A FAIRCHILD-RURD620CCS9A Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
logo
ON Semiconductor
RURD620CCS9A ONSEMI-RURD620CCS9A Datasheet
216Kb / 6P
Ultrafast Dual Diode 12 A, 200 V
November, 2021 - Rev. 4
RURD620CCS9A-F085 ONSEMI-RURD620CCS9A-F085 Datasheet
216Kb / 6P
Ultrafast Dual Diode 12 A, 200 V
November, 2021 - Rev. 4
More results


Similar Description - RURD620CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
8A, 100V - 200V Ultrafast Dual Diodes
June 1995
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
8A, 200V Ultrafast Dual Diodes
January 2000
MUR3020PT INTERSIL-MUR3020PT Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diodes
January 2000
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
6A, 200V Ultrafast Diodes
January 2000
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
6A, 400V - 600V Ultrafast Dual Diodes
April 1995
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD620CCS9A FAIRCHILD-RURD620CCS9A_11 Datasheet
1Mb / 5P
6A, 200V Ultrafast Dual Diodes
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
15A, 100V - 200V Ultrafast Dual Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com