Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRD660 Datasheet (PDF) - Intersil Corporation

RHRD660 Datasheet PDF - Intersil Corporation
Part # RHRD660
Download  RHRD660 Download
File Size   71.36 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 600V Hyperfast Diodes

RHRD660 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRD660 Datasheet PDF - Intersil Corporation

Part # RHRD660
Download  RHRD660 Click to download

File Size   71.36 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A, 600V Hyperfast Diodes

RHRD660 Datasheet (HTML) - Intersil Corporation


RHRD660 Product details

The RHRD660 and RHRD660S are hyperfast diodes with soft recovery characteristics (trr < 30ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <30ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRD660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660 FAIRCHILD-RHRD660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
RHRD660S FAIRCHILD-RHRD660S Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
logo
Inchange Semiconductor ...
RHRD660S9A ISC-RHRD660S9A Datasheet
405Kb / 2P
Fast Recovery Rectifier Diode
logo
Fairchild Semiconductor
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
6A, 600V Hyperfast Diodes
RHRD660S9A_F085 FAIRCHILD-RHRD660S9A_F085 Datasheet
553Kb / 5P
6A, 600V Hyperfast Diodes
More results


Similar Description - RHRD660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660 FAIRCHILD-RHRD660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RHRD6120 INTERSIL-RHRD6120 Datasheet
76Kb / 4P
6A, 1200V Hyperfast Diodes
January 2000
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
6A, 400V - 600V Hyperfast Dual Diodes
January 1998
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
6A, 600V Ultrafast Diodes
January 2000
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060_05 Datasheet
669Kb / 5P
30A, 600V Hyperfast Diodes
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
6A, 600V Hyperfast Diodes
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
8A,600V Hyperfast Diodes
RHRD660S9A_F085 FAIRCHILD-RHRD660S9A_F085 Datasheet
553Kb / 5P
6A, 600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
8A,600V Hyperfast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com