Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RURG3040CC Datasheet (PDF) - Intersil Corporation

RURG3040CC Datasheet PDF - Intersil Corporation
Part # RURG3040CC
Download  RURG3040CC Download
File Size   39.77 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 400V - 600V Ultrafast Dual Diodes

RURG3040CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG3040CC Datasheet PDF - Intersil Corporation

Part # RURG3040CC
Download  RURG3040CC Click to download

File Size   39.77 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 400V - 600V Ultrafast Dual Diodes

RURG3040CC Datasheet (HTML) - Intersil Corporation


RURG3040CC Product details

RURG3040CC and RURG3060CC are ultrafast dual diodes with soft recovery characteristics (trr < 55ns). They have low forward voltage drop and are silicon nitride passivated ionimplanted epitaxial planar construction.

These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Formerly developmental type TA09903.



Features

• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns

• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC

• Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V

• Avalanche Energy Rated

• Planar Construction



Applications

• Switching Power Supplies

• Power Switching Circuits

• General Purpose



 




Similar Part No. - RURG3040CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
30A, 400V - 600V Ultrafast Dual Diodes
logo
ON Semiconductor
RURG3040CC ONSEMI-RURG3040CC Datasheet
789Kb / 7P
60 A, 400 V - 600 V, Ultrafast Dual Diode
November 2013 Rev. C1
logo
Inchange Semiconductor ...
RURG3040CC ISC-RURG3040CC Datasheet
262Kb / 2P
Ultrafast Recovery Diode
More results


Similar Description - RURG3040CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
30A, 400V - 600V Hyperfast Dual Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
30A, 400V - 600V Hyperfast Diodes
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
15A, 400V - 600V Ultrafast Dual Diodes
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
30A, 400V - 600V Hyperfast Diodes
January 2000
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
30A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
6A, 400V - 600V Ultrafast Dual Diodes
April 1995
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Dual Diodes
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com