Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD16N05 Datasheet (PDF) - Intersil Corporation

RFD16N05 Datasheet PDF - Intersil Corporation
Part # RFD16N05
Download  RFD16N05 Download
File Size   91.41 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs

RFD16N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD16N05 Datasheet PDF - Intersil Corporation

Part # RFD16N05
Download  RFD16N05 Click to download

File Size   91.41 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs

RFD16N05 Datasheet (HTML) - Intersil Corporation


RFD16N05 Product details

The RFD16N05 and RFD16N05SM N-channel power MOSFETs are manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.

Features
• 16A, 50V
• rDS(ON) = 0.047Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175°C Operating Temperature
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
226Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Guangdong Youtai Semico...
RFD16N05 UMW-RFD16N05 Datasheet
491Kb / 6P
60V N-Channel MOSFET
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
More results


Similar Description - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
September 1998
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
October 1999
RFP25N05 INTERSIL-RFP25N05 Datasheet
104Kb / 8P
25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP25N05 NJSEMI-RFP25N05 Datasheet
100Kb / 2P
25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com