Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP25N05 Datasheet (PDF) - Intersil Corporation

RFP25N05 Datasheet PDF - Intersil Corporation
Part # RFP25N05
Download  RFP25N05 Download
File Size   104.17 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25A, 50V, 0.047 Ohm, N-Channel Power MOSFET

RFP25N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP25N05 Datasheet PDF - Intersil Corporation

Part # RFP25N05
Download  RFP25N05 Click to download

File Size   104.17 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25A, 50V, 0.047 Ohm, N-Channel Power MOSFET

RFP25N05 Datasheet (HTML) - Intersil Corporation


RFP25N05 Product details

The RFP25N05 N-channel power MOSFET is manufactured using the MegaFET process. This process which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. It was designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. This transistor can be operated directly from integrated circuits.

Features
• 25A, 50V
• rDS(ON) = 0.047Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - RFP25N05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP25N05 ETC-RFP25N05 Datasheet
235Kb / 4P
POWER MOS FIELD EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFP25N05 NJSEMI-RFP25N05 Datasheet
100Kb / 2P
25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
Inchange Semiconductor ...
RFP25N05 ISC-RFP25N05 Datasheet
244Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
RFP25N05 VBSEMI-RFP25N05 Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
Intersil Corporation
RFP25N05L INTERSIL-RFP25N05L Datasheet
47Kb / 6P
25A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
More results


Similar Description - RFP25N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
July 1999
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
September 1998
RFP25N05L INTERSIL-RFP25N05L Datasheet
47Kb / 6P
25A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP25N05 NJSEMI-RFP25N05 Datasheet
100Kb / 2P
25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com