Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD3055LE Datasheet (PDF) - Intersil Corporation

RFD3055LE Datasheet PDF - Intersil Corporation
Part # RFD3055LE
Download  RFD3055LE Download
File Size   86.26 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs

RFD3055LE Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD3055LE Datasheet PDF - Intersil Corporation

Part # RFD3055LE
Download  RFD3055LE Click to download

File Size   86.26 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs

RFD3055LE Datasheet (HTML) - Intersil Corporation


RFD3055LE Product details

These N-Channel enhancement-mode power MOSFETs are manufactured using the latest manufacturing process technology. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers and relay drivers. These transistors can be operated directly from integrated circuits.
   
Features
• 11A, 60V
• rDS(ON) = 0.107Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount
        Components to PC Boards”
   




Similar Part No. - RFD3055LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
1Mb / 8P
N-Channel Logic Level Power MOSFET
logo
VBsemi Electronics Co.,...
RFD3055LE VBSEMI-RFD3055LE Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD3055LE ISC-RFD3055LE Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFD3055LESM FAIRCHILD-RFD3055LESM Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Similar Description - RFD3055LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76407D3 INTERSIL-HUF76407D3 Datasheet
334Kb / 9P
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
June 1999
logo
Fairchild Semiconductor
RFD4N06L FAIRCHILD-RFD4N06L Datasheet
351Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com