Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD3055LE Datasheet(PDF) 6 Page - Intersil Corporation

Part # RFD3055LE
Description  11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3055LE Datasheet(HTML) 6 Page - Intersil Corporation

  RFD3055LE Datasheet HTML 1Page - Intersil Corporation RFD3055LE Datasheet HTML 2Page - Intersil Corporation RFD3055LE Datasheet HTML 3Page - Intersil Corporation RFD3055LE Datasheet HTML 4Page - Intersil Corporation RFD3055LE Datasheet HTML 5Page - Intersil Corporation RFD3055LE Datasheet HTML 6Page - Intersil Corporation RFD3055LE Datasheet HTML 7Page - Intersil Corporation RFD3055LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6-6
FIGURE 18. SWITCHING TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10) OR Qg(5)
VGS = 5V FOR
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
VGS = 1V FOR
L2 DEVICES
L2 DEVICES
VGS = 10V
VGS = 10V FOR
L2 DEVICES
RFD3055LE, RFD3055LESM, RFP3055LE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com