Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD8P06E Datasheet (PDF) - Intersil Corporation

RFD8P06E Datasheet PDF - Intersil Corporation
Part # RFD8P06E
Download  RFD8P06E Download
File Size   87.69 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs

RFD8P06E Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD8P06E Datasheet PDF - Intersil Corporation

Part # RFD8P06E
Download  RFD8P06E Click to download

File Size   87.69 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs

RFD8P06E Datasheet (HTML) - Intersil Corporation


RFD8P06E Product details

These are P-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers and emitter switches for bipolar transistors. These transistors can be operated directly from integrated circuits.

Features
• 8A, 60V
• rDS(ON) = 0.300Ω
• Temperature Compensating PSPICE® Model
• 2kV ESD Protected
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFD8P06E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD8P06E ISC-RFD8P06E Datasheet
288Kb / 2P
isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFD8P06ESM FAIRCHILD-RFD8P06ESM Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD8P06ESM ISC-RFD8P06ESM Datasheet
277Kb / 2P
isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Similar Description - RFD8P06E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
July 1999
RFG30P06 INTERSIL-RFG30P06 Datasheet
71Kb / 8P
30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
July 1999
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com