Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP30P06 Datasheet (PDF) - Intersil Corporation

RFP30P06 Datasheet PDF - Intersil Corporation
Part # RFP30P06
Download  RFP30P06 Download
File Size   71.16 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs

RFP30P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP30P06 Datasheet PDF - Intersil Corporation

Part # RFP30P06
Download  RFP30P06 Click to download

File Size   71.16 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs

RFP30P06 Datasheet (HTML) - Intersil Corporation


RFP30P06 Product details

These are P-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They are designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.

Features
• 30A, 60V
• rDS(ON) = 0.065Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP30P06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP30P06 VBSEMI-RFP30P06 Datasheet
939Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP30P06 ISC-RFP30P06 Datasheet
370Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - RFP30P06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
April 1999
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFG30P05 INTERSIL-RFG30P05 Datasheet
70Kb / 8P
30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
July 1999
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
April 1999
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Unisonic Technologies
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
Power MOSFETs 60V, 30A, N-channel
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com