Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFL2N06 Datasheet (PDF) - Intersil Corporation

RFL2N06 Datasheet PDF - Intersil Corporation
Part # RFL2N06
Download  RFL2N06 Download
File Size   44.98 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs

RFL2N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFL2N06 Datasheet PDF - Intersil Corporation

Part # RFL2N06
Download  RFL2N06 Click to download

File Size   44.98 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs

RFL2N06 Datasheet (HTML) - Intersil Corporation


RFL2N06 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA09378.

Features
• 2A, 50V and 60V
• rDS(ON) = 0.95Ω
• SOA is Power-Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFL2N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
October 1999
More results


Similar Description - RFL2N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
July 1999
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
September 1998
RFP4N05 INTERSIL-RFP4N05 Datasheet
40Kb / 5P
4A, 50V and 60V, 0.800 Ohm, N-Channel Power MOSFETs
June 1999
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFL2N05 NJSEMI-RFL2N05 Datasheet
94Kb / 2P
2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com