Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP12N10L Datasheet (PDF) - Intersil Corporation

RFP12N10L Datasheet PDF - Intersil Corporation
Part # RFP12N10L
Download  RFP12N10L Download
File Size   38.42 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET

RFP12N10L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP12N10L Datasheet PDF - Intersil Corporation

Part # RFP12N10L
Download  RFP12N10L Click to download

File Size   38.42 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET

RFP12N10L Datasheet (HTML) - Intersil Corporation


RFP12N10L Product details

These are N-Channel enhancement mode silicon gate power field effect transistors specifically designed for use with logic level (5V) driving sources in applications such as programmable controllers, automotive switching and solenoid drivers. This performance is accomplished through a special gate oxide design which provides full rated conduction at gate biases in the 3V to 5V range, thereby facilitating true on-off power control directly from logic circuit supply voltages.



Features

• 12A, 100V

•rDS(ON)= 0.200Ω

• Design Optimized for 5V Gate Drives

• Can be Driven Directly from QMOS, NMOS,TTL Circuits

• Compatible with Automotive Drive Requirements

• SOA is Power-Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Majority Carrier Device

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards




Similar Part No. - RFP12N10L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP12N10L NJSEMI-RFP12N10L Datasheet
101Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
logo
VBsemi Electronics Co.,...
RFP12N10L VBSEMI-RFP12N10L Datasheet
938Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP12N10L ISC-RFP12N10L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFP12N10L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76639P3 FAIRCHILD-HUFA76639P3 Datasheet
219Kb / 10P
50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
HUF76633P3 INTERSIL-HUF76633P3 Datasheet
337Kb / 9P
38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
September 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com