Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ20 Datasheet (PDF) - Intersil Corporation

BUZ20 Datasheet PDF - Intersil Corporation
Part # BUZ20
Download  BUZ20 Download
File Size   42.14 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 100V, 0.200 Ohm, N-Channel Power MOSFET

BUZ20 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ20 Datasheet PDF - Intersil Corporation

Part # BUZ20
Download  BUZ20 Click to download

File Size   42.14 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 100V, 0.200 Ohm, N-Channel Power MOSFET

BUZ20 Datasheet (HTML) - Intersil Corporation


BUZ20 Product details

This is an N-Channel enhancement mode silicon gate power
field effect transistor designed for applications such as
switching regulators, switching converters, motor drivers,
relay drivers and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Formerly developmental type TA17411.

Features
• 12A, 100V
• rDS(ON) = 0.200Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - BUZ20

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ20 INFINEON-BUZ20 Datasheet
90Kb / 8P
SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ20 ISC-BUZ20 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
logo
Siemens Semiconductor G...
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
main ratings
logo
Inchange Semiconductor ...
BUZ201 ISC-BUZ201 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results


Similar Description - BUZ20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Intersil Corporation
FRS130D INTERSIL-FRS130D Datasheet
48Kb / 6P
12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFP12N10L INTERSIL-RFP12N10L Datasheet
38Kb / 5P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
12N10 UTC-12N10 Datasheet
194Kb / 5P
12A, 100V N-CHANNEL POWER MOSFET
UTT12P10 UTC-UTT12P10 Datasheet
242Kb / 6P
100V, 12A P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDF1903 MGCHIP-MDF1903 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 12A, 110m(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com