Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ20 Datasheet (PDF) - Inchange Semiconductor Company Limited

BUZ20 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUZ20
Download  BUZ20 Download
File Size   66.64 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching Speeds

BUZ20 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ20 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUZ20
Download  BUZ20 Click to download

File Size   66.64 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching Speeds

BUZ20 Datasheet (HTML) - Inchange Semiconductor Company Limited


BUZ20 Product details

DESCRIPTION
• 12A, 100V
• rDS(ON) = 0.200Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature

APPLICATIONS
• This is an N-Channel enhancement mode silicon gate power
   field effect transistor designed for applications such as
   switching regulators, switching converters, motor drivers,
   relay drivers and drivers for high power bipolar switching
   transistors requiring high speed and low gate drive power.
   This type can be operated directly from integrated circuits.




Similar Part No. - BUZ20

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ20 INFINEON-BUZ20 Datasheet
90Kb / 8P
SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
main ratings
logo
Inchange Semiconductor ...
BUZ201 ISC-BUZ201 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results


Similar Description - BUZ20

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF123 ISC-IRF123 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF234 ISC-IRF234 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF235 ISC-IRF235 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF237 ISC-IRF237 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com