Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF234 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF234 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF234
Download  IRF234 Download
File Size   48.41 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching speeds

IRF234 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF234 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF234
Download  IRF234 Click to download

File Size   48.41 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching speeds

IRF234 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF234 Product details

DESCRIPTION
• Drain Current ID=8.1A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 250V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) =0.45Ω(Max)
• Nanosecond Switching speeds

APPLICATIONS
• Switching power supplies
• Switching converters,motor driver,relay driver
• Drivers for high-power bipolar switching transistors




Similar Part No. - IRF234

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
More results


Similar Description - IRF234

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF123 ISC-IRF123 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF235 ISC-IRF235 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF237 ISC-IRF237 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF246 ISC-IRF246 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com