Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ32 Datasheet (PDF) - Inchange Semiconductor Company Limited

BUZ32 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUZ32
Download  BUZ32 Download
File Size   66.51 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching Speeds

BUZ32 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ32 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUZ32
Download  BUZ32 Click to download

File Size   66.51 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching Speeds

BUZ32 Datasheet (HTML) - Inchange Semiconductor Company Limited


BUZ32 Product details

DESCRIPTION
• 9.5A, 200V
• RDS(ON) = 0.400Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature

APPLICATIONS
• This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.




Similar Part No. - BUZ32

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ32 SIEMENS-BUZ32 Datasheet
194Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ32 INFINEON-BUZ32 Datasheet
90Kb / 8P
SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
SIPMOS Power Transistor
03/99
More results


Similar Description - BUZ32

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF123 ISC-IRF123 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF234 ISC-IRF234 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF235 ISC-IRF235 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF237 ISC-IRF237 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF246 ISC-IRF246 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com