Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N10 Datasheet (PDF) - Unisonic Technologies

12N10 Datasheet PDF - Unisonic Technologies
Part # 12N10
Download  12N10 Download
File Size   194.56 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 100V N-CHANNEL POWER MOSFET

12N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
12N10 Datasheet PDF - Unisonic Technologies

Part # 12N10
Download  12N10 Click to download

File Size   194.56 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 100V N-CHANNEL POWER MOSFET

12N10 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 12N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
12N10 VBSEMI-12N10 Datasheet
1Mb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
12N10 UMW-12N10 Datasheet
443Kb / 5P
N-Channel 100 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
12N10 EVVOSEMI-12N10 Datasheet
407Kb / 5P
N-Channel 100 V (D-S) MOSFET
Rev:2023A2
logo
SHENZHEN DOINGTER SEMIC...
12N10G-S08-R DOINGTER-12N10G-S08-R Datasheet
1Mb / 6P
N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
12N10G-TA3-T UTC-12N10G-TA3-T Datasheet
239Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 12N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
RFP12N10L INTERSIL-RFP12N10L Datasheet
38Kb / 5P
12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
FDPF680N10T FAIRCHILD-FDPF680N10T Datasheet
696Kb / 8P
N-Channel PowerTrench짰 MOSFET 100V, 12A, 68m廓
logo
Unisonic Technologies
UTT12P10 UTC-UTT12P10 Datasheet
242Kb / 6P
100V, 12A P-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDF1903 MGCHIP-MDF1903 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 12A, 110m(ohm)
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com