Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP14N06 Datasheet (PDF) - Intersil Corporation

RFP14N06 Datasheet PDF - Intersil Corporation
Part # RFP14N06
Download  RFP14N06 Download
File Size   75.05 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 60V, 0.100 Ohm, N-Channel Power MOSFET

RFP14N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP14N06 Datasheet PDF - Intersil Corporation

Part # RFP14N06
Download  RFP14N06 Click to download

File Size   75.05 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 60V, 0.100 Ohm, N-Channel Power MOSFET

RFP14N06 Datasheet (HTML) - Intersil Corporation


RFP14N06 Product details

This N-Channel power MOSFET is manufactured using the MegaFET process. This process which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. It was designed for use in applications such as switching regulators, switching convertors, motor drivers, and relay drivers. This transistor can be operated directly from integrated circuits.
Formerly developmental type TA09770.

Features
• 14A, 60V
• rDS(ON) = 0.100Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175°C Operating Temperature
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP14N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP14N06 ISC-RFP14N06 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
RFP14N06L INTERSIL-RFP14N06L Datasheet
83Kb / 8P
14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
logo
Inchange Semiconductor ...
RFP14N06L ISC-RFP14N06L Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFP14N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
March 1999
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
June 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
N-Channel MOSFET 650V, 14A, 0.46(ohm)
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Shindengen Electric Mfg...
P14FE6SBK SHINDENGEN-P14FE6SBK Datasheet
1Mb / 7P
Power MOSFETs 60V, 14A, N-channel
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com