Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF646 Datasheet (PDF) - Intersil Corporation

IRF646 Datasheet PDF - Intersil Corporation
Part # IRF646
Download  IRF646 Download
File Size   60.49 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 275V, 0.280 Ohm, N-Channel Power MOSFET

IRF646 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF646 Datasheet PDF - Intersil Corporation

Part # IRF646
Download  IRF646 Click to download

File Size   60.49 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 275V, 0.280 Ohm, N-Channel Power MOSFET

IRF646 Datasheet (HTML) - Intersil Corporation


IRF646 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the reakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.



Features

• 14A, 275V

• rDS(ON)= 0.280Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• 275VDC Rating-120VAC Line System Operation

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF646

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF646 ISC-IRF646 Datasheet
298Kb / 2P
isc N-Channel Mosfet Transistor
More results


Similar Description - IRF646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
March 1999
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
January 1998
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
July 1998
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
RFP14N06 INTERSIL-RFP14N06 Datasheet
75Kb / 8P
14A, 60V, 0.100 Ohm, N-Channel Power MOSFET
July 1999
logo
MagnaChip Semiconductor...
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
N-Channel MOSFET 650V, 14A, 0.46(ohm)
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com