Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF244 Datasheet (PDF) - Intersil Corporation

IRF244 Datasheet PDF - Intersil Corporation
Part # IRF244
Download  IRF244 Download
File Size   70.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs

IRF244 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF244 Datasheet PDF - Intersil Corporation

Part # IRF244
Download  IRF244 Click to download

File Size   70.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs

IRF244 Datasheet (HTML) - Intersil Corporation


IRF244 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching conver tors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA17423.

Features
• 14A and 13A, 275V and 250V
• rDS(ON) = 0.28Ω and 0.34Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 275V, 250V DC Rated - 120V AC Line System Operation
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF244

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF244 ISC-IRF244 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
More results


Similar Description - IRF244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
June 1999
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
July 1998
logo
Fairchild Semiconductor
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com