Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP244 Datasheet (PDF) - Intersil Corporation

IRFP244 Datasheet PDF - Intersil Corporation
Part # IRFP244
Download  IRFP244 Download
File Size   68.75 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs

IRFP244 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP244 Datasheet PDF - Intersil Corporation

Part # IRFP244
Download  IRFP244 Click to download

File Size   68.75 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs

IRFP244 Datasheet (HTML) - Intersil Corporation


IRFP244 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 15A and 14A, 275V and 250V
• rDS(ON) = 0.28Ω and 0.34Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 275V, 250VDC Rated, 120VAC Line System Operation
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRFP244

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
856Kb / 8P
Power MOSFET
24-Jun-08
logo
Inchange Semiconductor ...
IRFP244 ISC-IRFP244 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
940Kb / 11P
Power MOSFET
21-Mar-11
IRFP244 VISHAY-IRFP244 Datasheet
267Kb / 10P
Power MOSFET
24-Jan-2021
More results


Similar Description - IRFP244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
January 1998
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
June 1999
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com