Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD14N25C Datasheet (PDF) - MagnaChip Semiconductor.

MDD14N25C Datasheet PDF - MagnaChip Semiconductor.
Part # MDD14N25C
Download  MDD14N25C Download
File Size   844.18 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 250V, 10.2A, 0.28(ohm)

MDD14N25C Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD14N25C Datasheet PDF - MagnaChip Semiconductor.

Part # MDD14N25C
Download  MDD14N25C Click to download

File Size   844.18 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 250V, 10.2A, 0.28(ohm)

MDD14N25C Datasheet (HTML) - MagnaChip Semiconductor.


MDD14N25C Product details

General Description
These N-channel MOSFET are produced using advanced MagnaChip’s MOSFET Technology, which provides low on state resistance, high switching performance and excellent quality. These devices are suitable device for SMPS, high Speed switching and general purpose applications.

Features
● VDS = 250V
● ID = 10.2A
● RDS(ON) ≤ 0.28Ω @ VGS = 10V

Applications
● Power Supply
● Motor Control
● High Current, High Speed Switching




Similar Part No. - MDD14N25C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDD14N25C ISC-MDD14N25C Datasheet
268Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - MDD14N25C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
250V N-Channel MOSFET
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
January 1998
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
January 1998
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
July 1998
logo
MagnaChip Semiconductor...
MDD4N25 MGCHIP-MDD4N25 Datasheet
858Kb / 6P
N-Channel MOSFET 250V, 3.0A, 1.75(ohm)
MDD7N25 MGCHIP-MDD7N25 Datasheet
925Kb / 6P
N-Channel MOSFET 250V, 6.2A, 0.55(ohm)
MDHT4N25 MGCHIP-MDHT4N25 Datasheet
1Mb / 7P
N-Channel MOSFET 250V, 0.83A, 1.75(ohm)
MDHT7N25 MGCHIP-MDHT7N25 Datasheet
1,000Kb / 7P
N-Channel MOSFET 250V, 1.4A, 0.55(ohm))
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
MMF50R280P MGCHIP-MMF50R280P Datasheet
1Mb / 10P
500V 0.28(ohm) N-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com